PART |
Description |
Maker |
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
CY7C09079V CY7C09079V-12AC CY7C09079V-7AI CY7C0918 |
3.3V 64K x 8 Synchronous Dual-Port Static RAM(3.3V 64K x 8 同步双端口静态RAM) 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
|
Cypress Semiconductor Corp.
|
CY7C0853V-133BBC CY7C0853V-133BBI CY7C0850V-133AI |
CONNECTOR ACCESSORY FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 32K X 36 DUAL-PORT SRAM, 4.4 ns, PBGA172
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C3364PFS36A-166TQI AS7C3364PFS32A AS7C3364PFS32 |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 16Vz 15.5mA-Izt 0.05 5uA-Ir 12.2Vr DO41-GLASS 5K/REEL 64K X 36 STANDARD SRAM, 12 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 12 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AL5DS9XX9V AL5DS9349V AL5DS9359V AL5DS9369V AL5DS9 |
3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
|
AverLogic Technologies Inc
|
MCM67J618AFN5 MCM67J618AFN7 MCM69D536TQ6R |
64K x 18 bit burstRAM synchronous fast static RAM 32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
|
Motorola
|
AT90CAN128-16AI AT90CAN128-16AU AT90CAN128-16MI AT |
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
|
ATMEL Corporation
|
CYD02S36V-133BBC CYD09S36V CYD09S36V-133BBC CYD09S |
FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36(TM) 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36(TM) 3.3V 64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
|
http:// CYPRESS[Cypress Semiconductor]
|
UPD42505C-75 UPD42505V-50H UPD42505C-75H |
FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 线存储器 Field/Frame/Line Memory 线存储器
|
HIROSE ELECTRIC Co., Ltd. SUSUMU Co., Ltd.
|
CY7C09269V-12AC CY7C09289V-9AI CY7C09379V-12AC CY7 |
Memory : Dual-Ports True Dual-Ported memory cells which allow simultaneous access of the same memory location 3.3V 16K/32K/64K x16/18 Synchronous Dual-Port Static RAM 3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM SYNC SRAM|32KX18|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|64KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|32KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|16KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|16KX18|CMOS|QFP|100PIN|PLASTIC 同步静态存储器| 16KX18 |的CMOS | QFP封装| 100引脚|塑料
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp.
|